Part Number Hot Search : 
2C100 EFM202A MAX3075 PC601 TND524VS 14C2H N411064 M1315
Product Description
Full Text Search
 

To Download G1117-XX-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 2.1 nov 09, 2011 tel: 886-3-5788833 http://www.gmt.com.tw 1 g1117- x x global mixed-mode technology 1a low-dropout linear regulator features ? available in 1.5v, 1.8v, 2.5v, 3.3v,3.5v version ? space saving sot-223,to-252 packages ? internal short circuit current limiting ? internal over temperature protection ? output current in excess of 1a applications ? post regulation for switching dc/dc con- verter ? high efficiency linear regulator ? battery charger ? battery powered instrumentation ? motherboard general description the g1117-xx is a low dropout linear regulator with a dropout of 1.3v at 1a of load current. it is available in four fixed voltage: 1.5v, 1.8v, 2.5v, 3.3 and 3.5v versions. the g1117-xx provides over temperature and over current protection circuits to prevent it from being damaged by abnormal operating conditions. the g1117-xx is available in sot-223, to-252 packages. a minimum of 10f tantalum electrolytic capacitor is required at the output to improve the transient response and stability. ordering information pin option order number (pb free/green) marking temp. range package 1 2 3 g1117-15t43uf 1117-15 -40 c~85 c to-252 gnd v out v in g1117-18t43uf 1117-18 -40 c~85 c to-252 gnd v out v in g1117-25t43uf 1117-25 -40 c~85 c to-252 gnd v out v in g1117-33t43uf 1117-33 -40 c~85 c to-252 gnd v out v in g1117-35t43uf 1117-35 -40 c~85 c to-252 gnd v out v in g1117-15t43d 1117-15 -40 c~85 c to-252 gnd v out v in g1117-18t43d 1117-18 -40 c~85 c to-252 gnd v out v in g1117-25t43d 1117-25 -40 c~85 c to-252 gnd v out v in g1117-33t43d 1117-33 -40 c~85 c to-252 gnd v out v in g1117-35t43d 1117-35 -40 c~85 c to-252 gnd v out v in g1117-15t63uf 1117-15 -40 c~85 c sot-223 gnd v out v in g1117-18t63uf 1117-18 -40 c~85 c sot-223 gnd v out v in g1117-25t63uf 1117-25 -40 c~85 c sot-223 gnd v out v in g1117-33t63uf 1117-33 -40 c~85 c sot-223 gnd v out v in g1117-35t63uf 1117-35 -40 c~85 c sot-223 gnd v out v in * for other package types and pin options, please contact us at sales@gmt.com.tw order number identification gxxxx-xx xx x x packing type pin option package type voltage part number package type pin option packing t4: to-252 1 2 3 u & d : tape & reel t6: sot-223 3: gnd v out v in package type typical application [*pin2 join to heat sink] [note 4]: type of c out top view 1 2 3 sot-223 v in g1117-xx c1 1 f v out i o c out 10 f gnd v in v out top view 1 2 3 to-252 heat sink heat sink top view 1 2 3 sot-223 v in g1117-xx c1 1 f v out i o c out 10 f gnd v in v out top view 1 2 3 to-252 heat sink heat sink


▲Up To Search▲   

 
Price & Availability of G1117-XX-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X